Part Number Hot Search : 
31818 102M35 2SK3978 100070 MKP9V160 67078 LC00A IMP803
Product Description
Full Text Search
 

To Download TLE9222LC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet 1 rev. 1.2 www.infineon.com/transceivers 2017-10-17 tle9222 flexray transceiver 1 overview features ? compliant with the flexray electrical physical layer sp ecification version 3.0.1 and iso 17458-4 ? optimized for time triggered in-vehic le networks with data transmission rates from 1 mbit/s up to 10 mbit/s ? supports minimum bit times down to 60 ns ? automatic voltage adaptation on the digital interface pins ? bus failure protection and error detection ? very high esd robustness; 8 kv according to iec61000-4-2 ? optimized for high electrom agnetic compatibility (emc); very low emission and high immunity to interference ? green product (rohs compliant) ? aec qualified ? modes of operation and wake-up features: ? low power standby operation mode with very low quiescent current consumption ? remote wake-up detection via wake-up patterns and a dedicated wake-up frame ? protection and diagnostic ? short-circuit protection on the bus pins ? overtemperature protection ? undervoltage monitoring of the v cc power supply and the v io logic voltage level reference ? error and wake-up indication on the errn output ? status register for detailed diagnostic in formation through a simplified spi interface ? integrated bus guardian interface wi th enhanced safety feedback path ? bus pins high impedance when device unpowered applications ? engine management ? autonomous driving ?radar ?gateway pg-tssop-14 pg-tson-14
data sheet 2 rev. 1.2 2017-10-17 tle9222 flexray transceiver overview description the tle9222 flexray transceiver is de signed for data transmission ra tes from 1 mbit/s up to 10 mbit/s according to the flexray electrical ph ysical layer specification 3.0.1. the bus driver (b d) realizes the physical interface between a flexray node an d the communication channel. it pr ovides differential transmit and receive capability to the bus, allowi ng the node bidirectional time-multipl exed binary data stream transfer. in addition to transmit and receive functions, the tle9222 pr ovides low power standby operation, supply voltage monitoring (undervoltage de tection) as well as bus failure detection and represents an esd- protection barrier betw een the bus and the ecu. the tle9222 supports th e following flexray functional classes: ? functional class ?bus driver - bus guardian interface? ? functional class ?bus driver logic level adaptation? ? functional class ?bus driver remote wakeup? ? functional class ?bus driver incr eased voltage amplitude transmitter? in bd_standby mode the quiescent cu rrent is decreased to a minimal level while still being able to detect wake-up requests on the bus. fail safe features, like failure detection and the powe r supply monitoring, combined with an easy accessible status register support requirements for safety related applications with extended diagnostic features. the tle9222 is internally protected ag ainst transients on the bus pins, bp and bm. this makes it possible to use the tle9222 for implementing ecus without additional exte rnal bus protection circuitry while fulfilling esd and iso pulse requirements of car manufacturer s. with its excellent emc performance the tle9222 provides a very high immunity against rf disturbanc es over a broad frequency range and transmits only a minimal level of electromagne tic emission onto the bus. the tle9222 is integrated in a rohs compliant p g-tssop-14 and pg-tson-14 pa ckage. using the latest infineon smart power technology it is especially tailored to withstand th e harsh conditions of the automotive environment and qualification acco rding to the aec-q100 standard. type package marking tle9222px pg-tssop-14 9222 TLE9222LC pg-tson-14 9222
data sheet 3 rev. 1.2 2017-10-17 tle9222 flexray transceiver 1 overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 table of contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 3 pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3.1 pin assignment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3.2 pin definitions and functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 4 functional description. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 4.1 operation modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 4.1.1 bd_normal mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4.1.2 bd_standby mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4.1.3 bd_off condition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4.2 communication controller interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 4.3 bus guardian interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 4.4 host interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 4.5 power supply interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 4.5.1 v cc undervoltage detection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 4.5.2 v io undervoltage detection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 4.5.3 power-up and power-down . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 4.6 remote wake-up . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 4.6.1 bus wake-up patterns . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 4.6.2 wake-up by payload . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 4.7 fail safe functions and flags . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 4.7.1 overtemperature detection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 4.7.2 bus error detector . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 4.7.2.1 rxd-txd compare . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 4.7.2.2 bus overcurrent . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 4.7.3 transmitter time-out . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 4.7.4 v io undervoltage flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 4.7.5 spi-error flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 4.7.6 error flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 4.7.7 mode flags . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 4.8 spi interface and status register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 4.8.1 read-out procedure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 5 general product characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 5.1 absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 5.2 functional range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 5.3 thermal resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 6 electrical characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 6.1 functional device characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 6.2 diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 7 application information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 7.1 esd robustness according to iec61000-4-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 7.2 bus interface simulation model parameter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 7.3 application example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37 table of contents
data sheet 4 rev. 1.2 2017-10-17 tle9222 flexray transceiver 7.4 implementation of ecu functional safety concepts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38 7.5 minimizing ecu current consumption through bd_standby mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39 7.6 further application information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39 8 package outlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 9 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
data sheet 5 rev. 1.2 2017-10-17 tle9222 flexray transceiver block diagram 2 block diagram figure 1 block diagram transmitter bus-failure- detector receiver wake-up detector bm bp 10 errn stbn 6 5 4 3 2 rxd txen txd bge spi interface 8 9 7 sdo scsn sclk v io v io v cc 14 1 power supply interface voltage monitor 11 gnd 12 13 tle9222_blockdiagram_v02 bus guardian interface communication controller interface host interface state machine digital logic failure logic v io
data sheet 6 rev. 1.2 2017-10-17 tle9222 flexray transceiver pin configuration 3 pin configuration 3.1 pin assignment figure 2 pin configuration 3.2 pin definitions and functions pin symbol function 1 v io digital reference voltage; digital reference voltage supply for the logic input and output pins, 100 nf decoupling capacitor to gnd recommended. 2txd transmit data input; integrated pull-down to gnd. 3txen transmitter enable not input; logical ?low? to enable th e transmitter output stage, integrated pull-up to v io . 4rxd receive data output; output voltage level adapte d to the voltage level of v io . 5bge bus guardian enable input; logical ?high? to enable th e transceiver output stage, integrated pull-down to gnd. 6stbn standby not mode control input; digital input for mode selection, logical ?high? for bd_normal mode, integrated pull-down to gnd. 7sclk spi clock input; integrated pull-down to gnd. 8sdo spi data output; 9scsn spi chip select not input; integrated pull-up to v io . 2 txd 3 txen 4 rxd 5 bge 6 stbn 1 v io 7 sclk bp bm gnd errn scsn v cc sdo 13 12 11 10 9 14 8 1 2 3 4 5 6 7 14 13 12 11 10 9 8 txd txen rxd bge stbn v io sclk bp bm gnd errn scsn v cc sdo
data sheet 7 rev. 1.2 2017-10-17 tle9222 flexray transceiver pin configuration 10 errn error not diagnosis output; logical ?low? in failure cases or when wake-up pattern detected. 11 gnd ground; 12 bm bus line minus; negative input / output terminal of the flexray bus. 13 bp bus line plus; positive input / output term inal of the flexray bus. 14 v cc supply voltage; transceiver 5v supply voltage, 100 nf decoupling capacitors to gnd recommended. pin symbol function
data sheet 8 rev. 1.2 2017-10-17 tle9222 flexray transceiver functional description 4 functional description the tle9222 realizes the physical interface between the flexray node and the communication channel. differential transmit and receive capability to the fl exray bus is provided, allowing the node bidirectional time multiplexed binary data stream transfer. the differential bus voltage is measur ed between two signal lines, denoted bp (bus plus) and bm (bus minus), defined as ubus = ubp - ubm . three different bus states are defined for the flexray bus; idle, data_0 and data_1 . for the idle state no differential voltage is driven to bp or to bm. the common mode bus biasing level will depend on the operation mode of all nodes on the bus. for the data_1 state a positive differential voltage is driven between bp and bm, whereas for the data_0 st ate a negative differential voltage is driven between bp and bm. 4.1 operation modes the tle9222 supports two function al operation modes, bd_normal mode and bd_standby mode. in addition, the bd_off condition describes th e behavior of the tle9222 when unsupplied. mode transitions of the tle9222 are triggered by host commands, underv oltage events and during power-up / -down, see figure 3 and table 1 . figure 3 operation mode state diagram table 1 operation mode transitions nr reason for transition comment 1 wake-up detection ? 2 power-on detection supply voltage sufficiently supplied via v cc after being unpowered. 3 undervoltage detection after v cc and / or v io undervoltage detection, bd _standby mode is forced. 4 host command triggered by host command. 5 undervoltage recovery undervoltage recovery while host command requests bd_normal mode. 6 power-off supply voltage falls below the power-on threshold. tle9222_operation_modes_v01 2 6 6 1 bd_off bd_normal bd_standby 5 3 4 4
data sheet 9 rev. 1.2 2017-10-17 tle9222 flexray transceiver functional description 4.1.1 bd_normal mode in bd_normal mode all interfaces and functions of the tle9222 ar e in operating condition. the communication controller interface is fully active; the rxd output reflects the data on the bus pins, the txd drives the data to the transmitte r and the txen input enables or di sables the transmitter. when the transmitter is activated, fail safe functionality like the transmitter ti me-out, overtemperature detection and bus error detection are also enabled. the bus biasing is connected to v cc / 2 via the internal common mode resistors. with the rxen flag in the status register the bus states idle or active ca n be read out through the spi interface. the host interface is active and fully functional, as well as status regi ster read-out on the spi interface. through the bus guardian inte rface, the transmitter can be activated or disabled. the wake-up detector is active, but received wake-up information is not flagged while in bd_normal mode. the power supply interface including voltage monitor on both v cc and v io is active. undervoltage events are signalled on the errn output and in the status regist er, and trigger a mode transition to bd_standby mode. bd_normal mode can only be entered with a valid host command wh ile both power supplies are within their operational range. 4.1.2 bd_standby mode after power-up the tle9222 automati cally enters bd_s tandby, an idle mode wi th optimized low power consumption. in bd_standby mode neither sending nor receiving data is possible, both the transmitter and the receiver are disabled. the bus biasing is connected to gnd through the internal common mode resistors. the communication controller interface is inactive. the txd and the txen inputs are not functional. the rxd output is used for signalling wake-up or error in formation, depending on the host command. the host interface is active and fully functional, as well as status register read-out on the spi interface. the bus guardian interface is inactive and detection of bus transmission through the rxen flag in the status register is not possible. the bus failure detector is not active, no bus failure can be detected. the wake-up detector is active and signals wake-up requests on the errn and rxd outputs while the host command is bd_standby mode. the power supply interface with voltage monitoring on both v cc and v io is active. if the tle9222 is forced to bd_standby mode because of undervoltage events while the host command is bd_normal mode, this is signalled on the errn output. additionally, the information is stored in the status register. 4.1.3 bd_off condition the tle9222 enters the bd_o ff condition when the v cc power supply drops below the ubdpdv cc power-on- reset threshold. in this state the transmitter and the receiver are turned off, th e wake-up function is not operational, the rxd and errn outputs are ?low? and th e sdo output is in high impedance state. if the v io reference supply is available, the logical inputs are set to their default states as given in table 2 . table 2 logic inputs when unconnected / default states input signal default state txd low txen high stbn low bge low scsn high sclk low
data sheet 10 rev. 1.2 2017-10-17 tle9222 flexray transceiver functional description 4.2 communication con troller interface the communication controller inte rface is the link between the tl e9222 and the flexray communication controller, comprising three digital signals: ? txen (transmit data enable not) input ? txd (transmit data) input ? rxd (receive data) output the logical i/o levels of all three digital pins are adapted to the v io digital reference voltage supply. figure 4 flexray physical layer bus signals the communication controller interface drives the serial digital data stream available on the txd input to the flexray bus via the transmitter. simu ltaneously the receiver of the tle 9222 monitors the data on the flexray bus and transfers the data to a serial digital data stream back to the rxd output. a logical ?low? signal on the txd input drives a data_0 signal on the flexray bus; a data_0 signal on the flexray bus results in a logical ?low? signal on the rxd output. vice versa a logical ?hig h? on txd drives a data_1 signal on the flexray bus and results in a logical ?high? signal on the rxd output . the rxd output is also used to signal wake-up events while the transceiver is in bd_standby mode. the txen input is only functional in bd_normal mode and requires a transition from ?high? to ?low? for initiating bus transmissions. after txen has been set ?l ow? while the bge input is ?h igh?, a ?low? level on the txd input enables the transmitter. tle9222_bus_transmission_v01 rxd txen txd high low t bus voltages idle data 0 data 1 data 0 idle ubp data1 = ubm data0 ubm data1 = ubp data0 ubias non-low_power ubdtx idle ubdtx active ubdtx active_d0 ubm ubp ubus = ubp - ubm data 1 high low high low t t t bge high low t
data sheet 11 rev. 1.2 2017-10-17 tle9222 flexray transceiver functional description for avoiding unintentional blocking of the flexray bus in case of failures , the transmitter is protected with a time-out function. in case a time-out occurs, the transm itter will automati cally be disabled and the error will be signalled by the errn output and in the status register. a more detailed description of this fail safe function is given in chapter 4.7.3 . 4.3 bus guardian interface the bus guardian interface allows an external supervis ion device to immediate interrupt any bus transmission of the tle9222. a logical ?low? signal on the bge input disables the transmitter of the tle9222 while operating in bd_normal mode, regardless of the signals on the txd and txen inputs. for increasing the ecu system safety level, an enhanced redundant feedback path has been implemented for the bus guardian interface. a monitoring circuit direct ly at the transmitter output stages provides reliable feedback by setting the errn output ?low? and indication with the bge flag in the status register after the transmitter has been disabled th rough the bus guardian interface. the logical i/o level of the bge input is ad apted to the digital reference voltage level uv io . together with the txen input, the bge input is monitored fo r the transmitter time-out function (see chapter 4.7.3 ). additionally, the status register includes the rxen (recei ve enable not) flag that indicates activity (data_0 or data_1) on the flexray bus. this dete ction is only active in bd_normal mode. the rxen bit can be read out with the spi interfac e as described in chapter 4.8 . 4.4 host interface the host interface enables the host to control th e operation mode of the tle9222 and to flag status information. the host inte rface is implemented using hard wired signals, option a according to the flexray epl spec. 3.0.1. the stbn (standby not) in put controls the operation mode of the tle9222. unless the tle9222 is being forced to bd_standby mode because of unde rvoltage events, the host command wi ll set operation mode as given in table 3 . mode change by host command is completed within the time dbd modechange after the host command is applied. voltage spikes on th e stbn input that are shorter than dbdlogic filter are filtered out and ignored. table 3 host command stbn resulting operation mode high bd_normal low bd_standby
data sheet 12 rev. 1.2 2017-10-17 tle9222 flexray transceiver functional description figure 5 mode control with the stbn input the errn output is used to signal events detected by the tle9222 to the host co ntroller. depending on the provided host command, the errn output indicates errors or wake-up events, see table 4 . the tle9222 reacts on and signals these events on the errn output within the time dreactiontime errn . detailed information about the detect ed events as given in table 4 can be read out from the status register with the spi interface as described in chapter 4.8 . table 4 signalling on the errn and rxd pins stbn errn rxd cause / comment effect bd_normal mode high high high / low 1) 1) depending on bus state; rxd ?low? when data_0 is detected, rxd ?high? when data_1 is detected or when bus is idle default condition for bd_normal mode ? high low high / low 1) bus error detected ? transmitter time-out detected transmitter disabled overtemperature event de tected transmitter disabled bge input ?low? transmitter disabled spi error detected ? bd_standby mode low highhighdefault condit ion for bd_standby mode ? low low low bus wake-up detected ? high low high v cc undervoltage detected forced bd_standby mode x 2) 2) x = ?don?t care? low low v io undervoltage detected forced bd_standby mode, logic inputs follow default states (see table 2 ) sdo ?high impedance? bd_off condition x 2) low low uv cc below ubdpdv cc ? tle9222_mode_control_v00 high low t stbn bd_normal mode bd_normal mode bd_standby mode 70% v io 30% v io uv dig_in_low_stbn uv dig_in_high_stbn t < dbdlogic filter dbdlogic filter dbd modechange t < dbdlogic filter dbdlogic filter dbd modechange mode transition
data sheet 13 rev. 1.2 2017-10-17 tle9222 flexray transceiver functional description a ?low? output level on the errn pin is latched. to rese t the errn event and the status register either a correct read-out of the status register or a mode change by the host command is required, given that the error condition has been resolved. 4.5 power supply interface the tle9222 is powered by the v cc pin which shall be connected to a voltage supply with nominal 5 v. additionally, the tle9222 provides the v io reference voltage pin for all digita l inputs and outp uts. the voltages at the v cc and v io pins are monitored for detect ion of undervoltage events. 4.5.1 v cc undervoltage detection the tle9222 detects undervoltage events on the v cc pin if the voltage uv cc falls below the undervoltage detection threshold ubduvv cc for a time t > dbduvv cc_blk . upon detection the v cc -undervoltage flag and the error flag are set. in case the tl e9222 is in bd_normal mode, the transm itter will be disabled and the errn output will go ?low? after the time dreactiontime errn . after the time dbduvv cc the tle9222 will force a transition to bd_standby, regar dless of the host command (see figure 6 ). figure 6 v cc undervoltage detection the tle9222 recovers from a v cc undervoltage ev ent after the time t > dbdrv cc following the voltage uv cc rise above the undervoltage detection threshold ubduvv cc . this will release the host command and change operation mode accordingly. 4.5.2 v io undervoltage detection the v io undervoltage detection is similar to that on the v cc supply. undervoltage events on the v io pin are detected if the voltage uv io falls below the undervol tage detection threshold uuv io for a time t > dbduvv io_blk . upon detection the v io -undervoltage flag and the error flag are set. while an undervoltage event is present on the v io pin, the reference threshold levels of all digital input and output pins are invalid. therefore, the tle9222 blocks the host interface, communication cont roller interface, spi inte rface and the bus guardian interface. the digital outputs rxd and errn are set ?low ? and all digital input pins follow their default levels tle9222_vcc_undervoltage_v00 uv cc set v cc -undervoltage flag set error flag transmitter blocked bd_normal mode dbdrv cc block host command forced mode change errn pin ?low host command released bd_standby mode according to host command ubduvv cc dbduvv cc_blk t < dbduvv cc_blk stbn high low t t dbduvv cc
data sheet 14 rev. 1.2 2017-10-17 tle9222 flexray transceiver functional description (see table 2 ). the sdo output is set to high impedance state. after the time dbduvv io the tle9222 will force a transition to bd_standby mode. figure 7 v io undervoltage detection the tle9222 will recover from a v io undervoltage event after the time t > dbdrv io following the voltage uv io rise above the undervoltage detection threshold uuv io . this will release the spi interface and host command, and change mode accordingly (see figure 7 ). 4.5.3 power-up and power-down the tle9222 will remain in bd_off cond ition as long as the voltage on the v cc supply pin, uv cc , is below the power-down threshold ubdpdv cc . when uv cc is ramped up higher than ubdpdv cc the tle9222 powers up and begins initialization of the bd _standby mode within the time dbd power . after both voltages uv cc and uv io have risen above their respective unde rvoltage detection thresholds ( ubduvv cc and uuv io , respectively), the digital interfaces will be released and the fu ll functionality of the device will be available. the power-on event can be identified with the correspo nding flag in the status register and mode change according to the host command will then be initiated (see figure 8 ). tle9222_vio_undervoltage_v00 uv io set v io -undervoltage flag set error flag bd_normal mode dbduvv io dbdrv io release host command and digital interfaces bd_standby mode according to host command dbduvv io_blk t < dbduvv io_blk block host command forced mode change digital inputs set to default errn set ?low, rxd set ?low sdo set ?high impedance stbn high low t t uuv io
data sheet 15 rev. 1.2 2017-10-17 tle9222 flexray transceiver functional description figure 8 power-up behavior the power-down sequence of the tle9222 is shown in figure 9 . as the voltage at the v cc supply pin, uv cc , falls below the undervoltage threshold the v cc -undervoltage flag and the error fl ag are set. after the detection time for v cc undervoltage dbduvv cc the tle9222 blocks the host command and automatically enters bd_standby mode. figure 9 power-down behavior while the tle9222 is being powered down, the behavior on the digital interface level shift reference pin v io is very similar to the v cc supply pin. as uv io falls below the undervoltage th reshold the undervoltage timer is started and the v io -undervoltage flag is set. if v cc is not already in undervoltage condition, the error flag is also set. after the detection time for v io undervoltage, dbduvv io , the tle9222 blocks the host command (if not already blocked because of v cc undervoltage) and all digital interfaces and enters bd_standby mode. when the voltage at the v cc supply pin, uv cc , falls below the power-on threshold ubdpdv cc the tle9222 enters bd_off condition within the time dbd power . tle9222_power-up_v00 v bd_off mode release host command according to host command ubduvv cc uv cc uv io forced bd_standby mode set power-on flag dbd power dbdrv io t uuv io ubdpdv cc tle9222_power-down_v00 v according to host command bd_off bd_standby mode dbduvv cc block host command set v cc -undervoltage flag set error flag set v io -undervoltage flag block all digital interfaces dbduvv io dbd power ubduvv cc ubdpdv cc uv cc uv io t uuv io
data sheet 16 rev. 1.2 2017-10-17 tle9222 flexray transceiver functional description 4.6 remote wake-up the tle9222 detects and signals a remote wake-up requ est after correct receptio n of a bus wake-up pattern or wake-up payload in a flexray da ta frame while operating in bd_sta ndby mode. when the valid wake-up pattern or wake-up payload is detect ed, the tle9222 signals the request with the remote wake -up flag in the status register and on the rxd and errn outputs within the time dbdwakeupreaction remote . the wake-up detector is also active in bd_normal mo de, but wake-up requests ar e only flagged when the tle9222 is in bd_standby mode. 4.6.1 bus wake-up patterns a wake-up pattern consists of at le ast two wake-up symbols. a wake-up sy mbol on the flexray bus is defined as either a phase of da ta_0 followed by a phase of idle, or altern atively as a phase of data_0 followed by a phase of data_1. a valid remote wake-up event is dete cted with the reception of at least two consecutive wake-up symbols on the bus within the time dwu timeout (see figure 10 and figure 11 ). figure 10 standard wake-up pattern the data_0 phases have to be longer than the time dwu 0detect while the idle or data_1 (alternative wake-up pattern) phases have to be longer than the time dwu idledetect . the tle9222 detects and signals both the standard and the alternative wake-up patte rns without any behavioral differences. tle9222_wakeup_standard_v00 bus voltages rxd errn high low data_0 idle data_0 idle wake-up symbol dwu 0detect dwu 0detect dwu idledetect dwu idledetect wake-up symbol wake-up pattern idle dbdwakeupreaction remote t dwu idledetect idle dwu timeout ubus = ubp - ubm udata0_lp t ubm ubp
data sheet 17 rev. 1.2 2017-10-17 tle9222 flexray transceiver functional description figure 11 alternative wake-up pattern 4.6.2 wake-up by payload in addition to wake-up detection by wake-up patterns, the tle9222 also supports wake-up requests by a specific payload within the data fi eld of a flexray communication frame with data transmission rate of 10 mbit/s. a dedicated byte start sequence (bss) is transmitted be fore each byte of the payl oad within the flexray data frame. the bss consists of one ?high? bit followed by one ?low? bit. for transmitting a ?data_0? byte on the flexray bus, the flexray controller se nds 10 bits, the ?high? bit and the ?l ow? bit as part of the bss followed by the eight ?low? data bits (hl= bss; llllllll= ?data_0?). for sending a ?data_1? by te the flexray controller sends the ?high? bit and the ?low? bit, followed by the ei ght consecutive ?high? data bits (hl = bss; hhhhhhhh = ?data_1?) (see figure 12 ). figure 12 wake-up by payload tle9222_wakeup_alternative_v00 bus voltages ubm ubp rxd errn high low data_0 data_1 data_0 data_1 dwu 0detect dwu 0detect dwu idledetect dwu idledetect idle t dwu idledetect idle dwu timeout wake-up symbol wake-up symbol wake-up pattern udata0_lp t ubus = ubp - ubm dbdwakeupreaction remote dwu interrupt tle9222_wakeup_payload_v01 ubus dwu timeout udata0_lp t ?data_1" ?data_0" dwu 0detect dwu idledetect dwu 0detect wake - up payload content : 0xff, 0xff, 0xff, 0xff, 0xff, 0x00, 0x00, 0x00, 0x00, 0x00, 0xff, 0xff, 0xff, 0xff, 0xff, 0x00, 0x00, 0x00, 0x00, 0x00, 0xff, 0xff, 0xff, 0xff, 0xff, 0x00, 0x00, 0x00, 0x00, 0x00, 0xff, 0xff, 0xff, 0xff, 0xff, 0xff dwu idledetect
data sheet 18 rev. 1.2 2017-10-17 tle9222 flexray transceiver functional description 4.7 fail safe functions and flags in addition to power supply undervoltage detection, the tle9222 provides severa l functions for detection of local or remote failures with corres ponding status flags. these errors are signalled with the errn output and can be read out from the status register. when loca l errors are detected, the tle9222 initiates fail safe procedures for device self protection and prev ention of communicatio n channel interruption. 4.7.1 overtemperature detection the transmitter of the tle9222 is prot ected against overtemperature events when active in bd_normal mode. if the junction temper ature rises above the t j(warning) threshold the temperature- warning flag in the status register is set. if the ju nction temperature continue s to rise and exceeds the t j(shut_down) threshold, the transmitter will be disabled and the overtemperature even t will be flagged by the temperature-high flag in the status register and signalled with the errn output. figure 13 overtemperature protection 4.7.2 bus error detector the bus error detector monitors the flexray bus for identifyin g external failures which may lead to corrupt data transmission and reception. with the rxd-txd compare function and the bus overcurrent monitoring, bus errors are detected and signalled with the bus er ror flag. the bus error detector is only enabled in bd_normal mode while the transmitter is active. tle9222_overtemperature_v00 txd high low t rxd high low t errn high low t bus junction temperature t j(warning) t j(shut_down) dreactiontime errn t t temperature-warning flag set
data sheet 19 rev. 1.2 2017-10-17 tle9222 flexray transceiver functional description 4.7.2.1 rxd-txd compare when the tle9222 transmits data on the bus (txen ?low? and bge ?high?), the digital input data on txd is compared with the received data on th e rxd output. if the data is not identi cal, a failure condition is identified. both the positive and the negative edges on the txd inpu t signal triggers an internal comparator to compare the txd signal with the rxd signal. the results are stored in an internal error counte r. when the internal error counter exceeds 10 reported comparison failures, the bus error flag will be set. the error counter is reset when the transmitter is deactivated. 4.7.2.2 bus overcurrent the bp and bm bus pins have implemented current sens ors for detection of overcu rrent conditions in the direction in or out of the pins. detect ion of overcurrent is the typical signat ure of a short circuit of one of the bus lines to the ground or a supply line. 4.7.3 transmitter time-out for avoiding unintentional blocking of the flexray bus in case of e.g. a malfunctioning microcontroller or short circuits on the pcb, the transmitter is protec ted with a time-out functi on. when the transmitter is activated for bus transmission while in bd_normal mode, with a ?low? signal on txen and ?high? on bge, a timer is started. in case a time-out occurs, the transm itter will automatically be disabled and the failure will be signaled on the errn output and in the status register. the transmitter timer is reset wh en the transmitter is deactiva ted with either txen or bge. 4.7.4 v io undervoltage flag during v io undervoltage events, the spi register is bloc ked and can not be read out. after undervoltage recovery, depending on host command and the status of other register flags, the v io -undervoltage flag may or may not be set. please refer to chapter 4.7.6 . 4.7.5 spi-error flag the spi-error flag is used for indicati on of incorrect spi read-out procedur e, please find detailed description in chapter 4.8.1 . 4.7.6 error flag if any local errors or bus errors are detected, the resp ective bit in the status register is flagged together with the error flag (bit 12). if the error flag is set, but no other error contributing flags in the status register set, then this indicates that a v io undervoltage event has occu rred in the past but recove ry has already taken place. while the error flag is set and the host command on the stbn input is ?high?, the errn output is ?low?. 4.7.7 mode flags the mode flag in the status register indicates the cu rrent operating mode of th e tle9222, regardless of the applied host command. if the tle9222 is in bd_standby mode, bit 1 will be ?low?. if the current operation mode is bd_normal, bit 1 will be ?high?. the mode fl ag will only toggle during an operation mode change, i.e. not be reset by spi register read-out. the mode indica tion can be beneficial for the host when the tle9222 is forced to a different mode than requ ested with the host command during v cc undervoltage events.
data sheet 20 rev. 1.2 2017-10-17 tle9222 flexray transceiver functional description 4.8 spi interface and status register the tle9222 has a 16-bit spi interface fo r reading out the internal status register. the bits in the register reflects detailed flags regarding ex ternal events such as wake-up and power-on recognition, detection of errors / warnings and oper ation mode indication, see table 5 . all the flags in the status register are ?active low?, the default level is ?high?. table 5 bit definition of the status register bit name indication comment bit 0 remote wake-up flag ?low?: remote wake-up detected ? ?high?: ? ? bit 1 mode flag ?low?: bd_standby mode ? ?high?: bd_normal mode ? bit 2 bge flag ?low?: transmitter disabled by bus guardian, bge input ?low? in bd_normal mode error, will trigger bit 12 ?low? ?high?: ? ? bit 3 rxen flag ?low?: bus ac tivity ongoing not latched ?high?: bus idle ? bit 4 power-on flag ?low?: power-on detected ? ?high?: ? ? bit 5 bus-error flag ?low?: bus error detected error, will trigger bit 12 ?low? ?high?: ? ? bit 6 temperature-high flag ?low?: overtemperature detected error, will trigger bit 12 ?low? ?high?: ? ? bit 7 transmitter time- out flag ?low?: transmitter activation ti me-out error, will trigger bit 12 ?low? ?high?: ? ? bit 8 v cc -undervoltage flag ?low?: v cc undervoltage detected error, will trigger bit 12 ?low? ?high?: ? ? bit 9 v io -undervoltage flag ?low?: v io undervoltage detected error, will trigger bit 12 ?low? ?high?: ? ? bit 10 spi-error flag ?low?: spi error detected error, will trigger bit 12 ?low? ?high?: ? ? bit 11 temperature- warning flag ?low?: high temperature warning ? ?high?: ? ? bit 12 error flag ?low?: error(s) detected error, will trigger errn output ?low? if signal on stbn is ?high? ?high?: no errors detected ? bit 13 reserved always ?high? ? bit 14 reserved always ?low? ? bit 15 even parity bit ?low?: od d parity of bit 0 to bit 14 ? ?high?: even parity of bit 0 to bit 14 ?
data sheet 21 rev. 1.2 2017-10-17 tle9222 flexray transceiver functional description the rxen flag indicates ongoing bus transmission. as soon as the bus state returns to idle, this flag is set ?high?. the wake-up, power-on and error flag s and their corresponding status regi ster bits are latched ?low?. a mode change by host command or a correct spi status bit regist er read-out will reset these flags, given that the error condition has been resolved. 4.8.1 read-out procedure the spi interface of the tle9222 is enabled by the scsn (s pi chip select not) input. while scsn is ?high?, the sdo (spi data output) output is in a high impedance state and clock signals on the sclk input are ignored. the read-out procedure is initiated wi th a ?low? signal on scsn, which wi ll cause the sdo output to be set ?low? (see figure 13 ). after the time dspi lead the status register data can be shifted out on the sdo output synchronized with the rising edge of a clock signal on the sclk input. with a clock signal period of dspi clk , the tle9222 supports spi data rates in the range 10 kbit/s to 4 mbit/sif a transition on scsn from ?high? to ?low? is detected while sclk is ?high?, this would be identified as a spi error. within the scsn period, the time dspi scsn_low while the signal on scsn is ?l ow?, exactly 16 clock cycles are expected for a correct read-out proc edure. incorrect spi access, with more or less than 16 sclk cycles or wrong timing, is protected by the spi timer. if the read-out time dspi scsn_low expires, the sdo output is set to ?high impedance? within the time dspi sdoz . additionally the error flag and sp i-error flag in the status register will be set, while the state of all other latched bits are left unchanged. figure 14 spi read-out after a correct spi read-out process, the information on the errn output and the flags in the status register are refreshed. next spi read-o ut can be initiated after scsn is set ?high? for the time dspi interframe . the spi interface is available in both bd_normal mo de and bd_standby mode, but spi readout should not occur at the same time as a mode chan ge with the host in terface, the time dbd modechange must be respected. the spi register is also blocked during undervoltage conditions on v io . while the tle9222 is set in bd_standby with host command (pin stbn = ?l ow?) and no wake-up or errors have been detected, the spi interface requires an enable time of dspi leadstbok from scsn goes ?low? until the first rising edge on the clock signal on the sclk input can be applied. tle9222_spi_read-out_v00 scsn sclk high low high low t t sdo high low high impedance bit 0 bit 1 bit 2 bit 3 bit 13 bit 14 bit 15 high impedance dspi scsn_low dspi lead dspi lag dspi clk t dspi sdoz
data sheet 22 rev. 1.2 2017-10-17 tle9222 flexray transceiver general product characteristics 5 general product characteristics 5.1 absolute maximum ratings notes 1. stresses above the ones listed he re may cause permanent damage to the device. exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2. integrated protection functions are designed to preven t ic destruction under fault conditions described in the data sheet. fault conditions are cons idered as ?outside? normal operatin g range. protection functions are not designed for continuous repetitive operation. table 6 absolute maximum ratings 1) all voltages with respect to ground, positive curr ent flowing into pin; (unless otherwise specified) 1) not subject to production test, specified by design parameter symbol values unit note or test conditio n number min. typ. max. voltages supply voltage v cc uv cc -0.3 ? 6.0 v ? p_5.1.1 digital reference voltage v io uv io -0.3 ? 6.0 v ? p_5.1.2 dc voltage on pin bp ubp -40 ? 40 v ? p_5.1.3 dc voltage on pin bm ubm -40 ? 40 v ? p_5.1.4 dc voltage on logic input pins txd, txen, bge, stbn, scsn, sclk uv logic_in -0.3 ? 6.0 v ? p_5.1.5 dc voltage on logic output pins rxd, errn, sdo uv logic_out -0.3 ? uv io + 0.3 v? p_5.1.6 currents output current on pin rxd irxd -40 ? 40 ma ? p_5.1.7 output current on pin errn ierrn -40 ? 40 ma ? p_5.1.8 output current on pin sdo isdo -40 ? 40 ma ? p_5.1.9 temperature junction temperature t j -40 ? 150 c ? p_5.1.10 storage temperature t stg -55 ? 150 c ? p_5.1.11 esd susceptibility esd susceptibility to gnd on bp and bm uesd ext -8 ? 8 kv hbm 2) 2) esd susceptibility, hbm accordin g to ansi/esda/jedec js001 (1.5k ? , 100 pf) p_5.1.12 esd susceptibility to gnd all other pins uesd int -2 ? 2 kv hbm 2) p_5.1.13 esd susceptibility to gnd all pins uesd cdm -750 ? 750 v cdm 3) 3) esd susceptibility, charged device model ?cdm? esda stm5.3.1 or ansi/esd s.5.3.1 p_5.1.14
data sheet 23 rev. 1.2 2017-10-17 tle9222 flexray transceiver general product characteristics 5.2 functional range note: within the functional or operatin g range, the ic operates as descri bed in the circuit description. the electrical characteristics are specified within the co nditions given in the el ectrical characteristics table. 5.3 thermal resistance note: this thermal data was generated in accord ance with jedec jesd51 standards. for more information, go to www.jedec.org . table 7 operating range parameter symbol values unit note or test condition number min. typ. max. supply voltage v cc uv cc 4.75 ? 5.25 v ? p_5.2.1 digital reference voltage v io uv io 3.0 ? 5.25 v ? p_5.2.2 junction temperature t j -40 ? 150 c ? p_5.2.3 table 8 thermal resistance 1) 1) not subject to production test, specified by design parameter symbol values unit note or test condition number min. typ. max. thermal resistance junction to ambient r thja ? 120 ? k/w pg-tssop-14 2) 2) specified r thja value is according to jedec jesd51-2,-7 at natura l convection on fr4 2s2p board; the tle9222 was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70m cu, 2 x 35m cu) p_5.3.1 junction to ambient r thja ? 45 ? k/w pg-tson-14 2) p_5.3.5 thermal shutdown junction temperature thermal warning temp. t j(warning) 150 160 170 c ? p_5.3.2 thermal shut-down temp. t j(shut_down) 170 180 190 c ? p_5.3.3 thermal shutdown hysteresis ? t ?6?k? p_5.3.4
data sheet 24 rev. 1.2 2017-10-17 tle9222 flexray transceiver electrical characteristics 6 electrical characteristics 6.1 functional device characteristics table 9 electrical characteristics uv cc = 4.75 v to 5.25 v; uv io = 3.0 v to 5.25 v; r dcload = 45 ohm; c dcload = 100 pf; t j = -40c to +150c all voltages with respect to ground, positive cu rrent flowing into pin (u nless otherwise specified) parameter symbol values un it note or test condition number min. typ. max. current consumption v cc power supply current consumption in bd_normal mode iv cc ? 33 40 ma transmitter active p_6.1.1 current consumption in bd_normal mode iv cc_idle ? 6 15 ma transmitter idle; p_6.1.2 current consumption in bd_standby mode iv cc_stb_150 ?3050a t j 150c; no bus activity or local errors detected; logic inputs in default states; errn = ?high? p_6.1.3 current consumption in bd_standby mode iv cc_stb_85 ?1725a t j 85c; no bus activity or local errors detected; logic inputs in default states; errn = ?high? p_6.1.4 current consumption in bd_off condition iv cc_off ? ? 35 a logic inputs in default states; p_6.1.5 current consumption v io reference current consumption in bd_normal mode iv io ? 0.15 0.5 ma ? p_6.1.6 current consumption in bd_standby mode iv io_stb ? 1 8 a no bus activity or local errors detected; logic inputs in default states; errn = ?high? p_6.1.7 current consumption in bd_off condition iv io_off ? ? 6 a logic inputs in default states p_6.1.8 undervoltage detection v cc power supply undervoltage detection threshold on v cc ubduvv cc 4.0 4.25 4.75 v ? p_6.1.9 undervoltage detection hysteresis on v cc ubduvv cc_hys ? 100 ? mv ? p_6.1.10 power-on reset threshold ubdpdv cc 1.5 2.5 3.5 v ? p_6.1.11 transition time to bd_standby mode after power-up dbd power ? 50 100 s v cc > ubdpdv cc p_6.1.12
data sheet 25 rev. 1.2 2017-10-17 tle9222 flexray transceiver electrical characteristics undervoltage filter time dbduvv cc_blk 3?10s 1) p_6.1.13 undervoltage detection time dbduvv cc 3 40 100 s time between under- voltage event and forced mode change p_6.1.14 undervoltage recovery time dbdrv cc 3 40 100 s time between under- voltage recovery and forced mode change p_6.1.15 undervoltage detection v io reference undervoltage detection threshold on v io uuv io 2.5 2.7 3.0 v ? p_6.1.16 undervoltage detection hysteresis on v io ubduvv io_hys ?30? mv? p_6.1.17 undervoltage filter time dbduvv io_blk 1?10s 1) p_6.1.18 undervoltage detection time dbduvv io 1 40 100 s time between under- voltage event and forced mode change p_6.1.19 undervoltage recovery time dbdrv io 1 40 100 s time from recovery until possible mode change p_6.1.20 digital output rxd high level output voltage uv dig_out_high_rxd 80 ? 100 % relative to uv io ; 2) ; irxd h =-2ma; p_6.1.21 low level output voltage uv dig_out_low_rxd ? ? 20 % relative to uv io ; 2) ; irxd l =2ma; p_6.1.22 output voltage while uv io is in undervoltage condition uv dig_out_uv_rxd ? ? 250 mv uv io < uuv io ; 100 k ? load to gnd; p_6.1.23 output voltage while in bd_off condition uv dig_out_off_rxd ? ? 100 mv 100 k ? load to gnd; p_6.1.24 rise time on the rxd output dbdrxd r15 ?26 ns20% 80% of uv io ; c bdrxd =15pf p_6.1.25 fall time on the rxd output dbdrxd f15 ?26 ns80% 20% of uv io ; c bdrxd =15pf p_6.1.26 rise time on the rxd output dbdrxd r25 ?38 ns20% 80% of uv io ; c bdrxd =25pf p_6.1.27 fall time on the rxd output dbdrxd f25 ?38 ns80% 20% of uv io ; c bdrxd =25pf p_6.1.28 sum of rise and fall time on the rxd output dbdrxd r15 + dbdrxd f15 ?412ns c bdrxd =15pf; p_6.1.29 difference of rise and fall time on the rxd output | dbdrxd r15 - dbdrxd f15 | ?12.5ns c bdrxd =15pf; p_6.1.30 table 9 electrical characteristics (cont?d) uv cc = 4.75 v to 5.25 v; uv io = 3.0 v to 5.25 v; r dcload = 45 ohm; c dcload = 100 pf; t j = -40c to +150c all voltages with respect to ground, positive cu rrent flowing into pin (u nless otherwise specified) parameter symbol values un it note or test condition number min. typ. max.
data sheet 26 rev. 1.2 2017-10-17 tle9222 flexray transceiver electrical characteristics sum of rise and fall time on the rxd output dbdrxd r25 + dbdrxd f25 ?613ns c bdrxd =25pf; p_6.1.31 difference of rise and fall time on the rxd output | dbdrxd r25 - dbdrxd f25 | ?12.5ns c bdrxd =25pf; p_6.1.32 digital output errn high level output voltage uv dig_out_high_err n 80 ? 100 % relative to uv io ; 2) ; ierrn h =-2ma; p_6.1.33 low level output voltage uv dig_out_low_err n ? ? 20 % relative to uv io ; 2) ; ierrn l =2ma; p_6.1.34 output voltage while uv io is in undervoltage condition uv dig_out_uv_errn ? ? 250 mv uv io < uuv io ; 100 k ? load to gnd; p_6.1.35 output voltage while in bd_off condition uv dig_out_uff_err n ? ? 100 mv 100 k ? load to gnd; p_6.1.36 rise time on the errn output dbderrn r25 ?38 ns 1) ; 20 % 80% of uv io ; c bderrn =25pf p_6.1.37 fall time on the errn output dbderrn f25 ?38 ns 1) ; 80 % 20% of uv io ; c bderrn =25pf p_6.1.38 reaction time on the errn pin dreactiontime e rrn ?530s? p_6.1.39 digital output sdo high level output voltage uv dig_out_high_sdo 80 ? 100 % relative to uv io ; 2) ; isdo h =-2ma; p_6.1.40 low level output voltage uv dig_out_low_sdo ? ? 20 % relative to uv io ; 2) ; isdo l =2ma; p_6.1.41 leakage current while in high impedance state ibdsdo z -1 ? 1 a 0v < usdo < uv io ; scsn = ?high? p_6.1.42 rise time on the sdo output dbdsdo r25 ?38 ns 1) ; 20 % 80% of uv io ; c bdsdo =25pf p_6.1.43 fall time on the sdo output dbdsdo f25 ?38 ns 1) ; 80 % 20% of uv io ; c bdsdo =25pf p_6.1.44 reaction time for setting sdo output to ?high impedance? dspi sdoz ? ? 250 ns 1) p_6.1.45 digital input txd threshold for detecting logical ?high? ubdlogic_1 ? ? 60 % relative to uv io ; p_6.1.46 threshold for detecting logical ?low? ubdlogic_0 40 ? ? % relative to uv io ; p_6.1.47 high level input current ibdlogic_1 20 ? 200 a ? p_6.1.48 table 9 electrical characteristics (cont?d) uv cc = 4.75 v to 5.25 v; uv io = 3.0 v to 5.25 v; r dcload = 45 ohm; c dcload = 100 pf; t j = -40c to +150c all voltages with respect to ground, positive cu rrent flowing into pin (u nless otherwise specified) parameter symbol values un it note or test condition number min. typ. max.
data sheet 27 rev. 1.2 2017-10-17 tle9222 flexray transceiver electrical characteristics low level input current ibdlogic_0 -1 ? 1 a ? p_6.1.49 input capacitance on pin txd c_bdtxd ??5 pf 1) p_6.1.50 digital input txen threshold for detecting logical ?high? uv dig_in_high_txen ? ? 70 % relative to uv io ; p_6.1.51 threshold for detecting logical ?low? uv dig_in_low_txen 30 ? ? % relative to uv io ; p_6.1.52 high level input current i dig_in_high_txen -1 ? 1 a ? p_6.1.53 low level input current i dig_in_low_txen -200 ? -20 a ? p_6.1.54 input capacitance on pin txen c_bdtxen ??5 pf 1) p_6.1.55 maximum transmitter activation time dbdtxactivema x 1500 ? 2600 s ? p_6.1.56 digital input bge threshold for detecting logical ?high? uv dig_in_high_bge ? ? 70 % relative to uv io ; p_6.1.57 threshold for detecting logical ?low? uv dig_in_low_bge 30 ? ? % relative to uv io ; p_6.1.58 high level input current i dig_in_high_bge 20 ? 200 a ? p_6.1.59 low level input current i dig_in_low_bge -1 ? 1 a ? p_6.1.60 transmitter activation delay bge, idle active dbdbgeia ?5075ns r dcload =40 ? p_6.1.61 transmitter deactivation delay bge, active idle dbdbgeai ?5075ns r dcload =40 ? p_6.1.62 input capacitance on pin bge c_bdbge ??5 pf 1) p_6.1.63 digital input stbn threshold for detecting logical ?high? uv dig_in_high_stbn ? ? 70 % relative to uv io ; p_6.1.64 threshold for detecting logical ?low? uv dig_in_low_stbn 30 ? ? % relative to uv io ; p_6.1.65 high level input current i dig_in_high_stbn 20 ? 200 a ? p_6.1.66 low level input current i dig_in_low_stbn -1 ? 1 a ? p_6.1.67 mode transition time after applying host command dbd modechange ? ? 100 s ? p_6.1.68 table 9 electrical characteristics (cont?d) uv cc = 4.75 v to 5.25 v; uv io = 3.0 v to 5.25 v; r dcload = 45 ohm; c dcload = 100 pf; t j = -40c to +150c all voltages with respect to ground, positive cu rrent flowing into pin (u nless otherwise specified) parameter symbol values un it note or test condition number min. typ. max.
data sheet 28 rev. 1.2 2017-10-17 tle9222 flexray transceiver electrical characteristics filter time for detection of host commands dbdlogic filter 2?6 s? p_6.1.69 input capacitance on pin stbn c_bdstbn ??5 pf 1) p_6.1.70 digital input sclk threshold for detecting logical ?high? uv dig_in_high_sclk ? ? 70 % relative to uv io ; p_6.1.71 threshold for detecting logical ?low? uv dig_in_low_sclk 30 ? ? % relative to uv io ; p_6.1.72 high level input current i dig_in_high_sclk 20 ? 200 a ? p_6.1.73 low level input current i dig_in_low_sclk -1 ? 1 a ? p_6.1.74 spi clock period dspi clock 0.25 ? 100 s ? p_6.1.75 spi enable time dspi lead 250 ? ? ns ? p_6.1.76 spi enable time dspi leadstbok 4?? sbd_standby mode; no wake or errors detected; stbn = ?low?; errn = ?high? p_6.1.77 spi disable time dspi lag 250 ? ? ns c bdsdo =25pf p_6.1.78 input capacitance on pin sclk c_bdsclk ??5 pf 1) p_6.1.79 digital input scsn threshold for detecting logical ?high? uv dig_in_high_scsn ? ? 70 % relative to uv io ; p_6.1.80 threshold for detecting logical ?low? uv dig_in_low_scsn 30 ? ? % relative to uv io ; p_6.1.81 high level input current i dig_in_high_scsn -1 ? 1 a ? p_6.1.82 low level input current i dig_in_low_scsn -200 ? -20 a ? p_6.1.83 spi timeout dspi timeout 2.1 ? 4 ms ? p_6.1.84 spi interframe space dspi interframe 10 ? ? s break between consecutive spi read- outs p_6.1.85 input capacitance on pin scsn c_bdscsn ??5 pf 1) p_6.1.86 bus transmitter, bp and bm absolute differential output voltage while sending; data_0 and data_1 ubdtx active 0.6 ? 2.0 v 40 ? < r dcload <55 ? ; 4) p_6.1.87 table 9 electrical characteristics (cont?d) uv cc = 4.75 v to 5.25 v; uv io = 3.0 v to 5.25 v; r dcload = 45 ohm; c dcload = 100 pf; t j = -40c to +150c all voltages with respect to ground, positive cu rrent flowing into pin (u nless otherwise specified) parameter symbol values un it note or test condition number min. typ. max.
data sheet 29 rev. 1.2 2017-10-17 tle9222 flexray transceiver electrical characteristics bp short circuit current short to gnd, absolute value ibp gndshortmax ?2060ma? p_6.1.88 bp short circuit current short to -5 v, absolute value ibp -5shortmax ?4060ma? p_6.1.89 bp short circuit current short to 27 v, absolute value ibp bat27shortmax ?2560ma? p_6.1.90 bp short circuit current short to bm, absolute value ibp bmshortmax ?3560ma? p_6.1.91 bm short circuit current short to gnd, absolute value ibm gndshortmax ?2060ma? p_6.1.92 bm short circuit current short to -5 v, absolute value ibm -5shortmax ?4060ma? p_6.1.93 bm short circuit current short to 27 v, absolute value ibm bat27shortmax ?2560ma? p_6.1.94 bm short circuit current short to bp, absolute value ibm bpshortmax ?3560ma? p_6.1.95 transmitter delay negative voltage dbdtx10 ?3550ns r dcload =40 ? ; 3) ; 4) p_6.1.96 transmitter delay positive voltage dbdtx01 ?3550ns r dcload =40 ? ; 3) ; 4) p_6.1.97 transmitter delay mismatch dbdtxasym =| dbdtx10 - dbdtx01 | dbdtxasym ??4 ns r dcload =40 ? ; 3) ; 4) ; 7) p_6.1.98 fall time differential bus voltage (80% 20%) dbustx10 6 13 18.75 ns r dcload =40 ? ; 4) p_6.1.99 rise time differential bus voltage (20% 80%) dbustx01 6 13 18.75 ns r dcload =40 ? ; 4) p_6.1.100 difference between differential bus voltage rise time and fall time dbustxdiff =| dbustx01 - dbustx10 | dbustxdiff ??3 ns r dcload =40 ? ; p_6.1.101 transmitter delay idle active dbdtxia ?4075ns r dcload =40 ? ; p_6.1.102 transmitter delay active idle dbdtxai ?4575ns r dcload =40 ? ; p_6.1.103 table 9 electrical characteristics (cont?d) uv cc = 4.75 v to 5.25 v; uv io = 3.0 v to 5.25 v; r dcload = 45 ohm; c dcload = 100 pf; t j = -40c to +150c all voltages with respect to ground, positive cu rrent flowing into pin (u nless otherwise specified) parameter symbol values un it note or test condition number min. typ. max.
data sheet 30 rev. 1.2 2017-10-17 tle9222 flexray transceiver electrical characteristics transmitter delay mismatch dbdtxdm = dbdtxai - dbdtxia dbdtxdm -30 ? 30 ns r dcload =40 ? ; p_6.1.104 transition time idle active dbustxia ?1030ns r dcload =40 ? ; p_6.1.105 transition time active idle dbustxai ?1030ns r dcload =40 ? ; p_6.1.106 bus receiver, bp and bm receiver threshold for detecting data_1 udata1 150 ? 300 mv -10 v < ucm <15v; p_6.1.107 receiver threshold for detecting data_0 udata0 -300 ? -150 mv -10 v < ucm <15v; p_6.1.108 mismatch of receiver thresholds udata1 - | udata0 | -30 ? 30 mv ( ubp + ubm )/2=2.5v; p_6.1.109 common mode voltage range ucm =( ubp + ubm )/2 ucm -10 ? 15 v 5) ; p_6.1.110 filter time for bus idle detection dbdidledetectio n 50 ? 200 ns ubus = 900 mv 30 mv; p_6.1.111 filter time for bus active detection dbdactivitydete ction 100 ? 250 ns ubus =30mv 900 mv; p_6.1.112 receiver common mode input resistance r cm1 , r cm2 10 ? 40 k ? bus idle; open load; p_6.1.113 receiver differential input resistance r cm1 + r cm2 20 ? 80 k ? bus idle; open load; p_6.1.114 absolute differential bus idle voltage ubdtx idle 0?30mvtxen=?high?; 40 ? < r dcload <55 ; p_6.1.115 idle voltage at bp and bm bd_normal mode ubias non-lowpower 1.8 2.5 3.2 v txen = ?high?; 6) ; 40 ? < r dcload <55 ; p_6.1.116 idle voltage at bp and bm bd_standby mode ubias lowpower -100 0 100 mv 40 ? < r dcload <55 ? ; 6) ; p_6.1.117 absolute leakage current on bp when in bd_off condition ibp leak ?715a ubp = ubm = 5 v; all other pins connected to gnd. gnd pin connected directly to 0 v; p_6.1.118 absolute leakage current on bm when in bd_off condition ibm leak ?715a ubp = ubm = 5 v; all other pins connected to gnd. gnd pin connected directly to 0 v; p_6.1.119 table 9 electrical characteristics (cont?d) uv cc = 4.75 v to 5.25 v; uv io = 3.0 v to 5.25 v; r dcload = 45 ohm; c dcload = 100 pf; t j = -40c to +150c all voltages with respect to ground, positive cu rrent flowing into pin (u nless otherwise specified) parameter symbol values un it note or test condition number min. typ. max.
data sheet 31 rev. 1.2 2017-10-17 tle9222 flexray transceiver electrical characteristics absolute bp leakage current loss of gnd ibp leakgnd ? 500 1600 a ubp = ubm =0v; all other pins connected via 0 ? to 16 v; p_6.1.120 absolute bm leakage current loss of gnd ibm leakgnd ? 500 1600 a ubp = ubm =0v; all other pins connected via 0 ? to 16 v; p_6.1.121 receiver delay, negative edge dbdrx10 ?6075ns c bdrxd =25pf; (see figure 18 ); p_6.1.122 receiver delay, positive edge dbdrx01 ?6075ns c bdrxd =25pf; (see figure 18 ); p_6.1.123 receiver delay mismatch dbdrxasym =| dbdrx10 - dbdrx01 | dbdrxasym ??5 ns( ubp + ubm )/2=2.5v; c bdrxd =25pf; 7) ; (see figure 18 ); p_6.1.124 idle reaction time dbdrxai 50 ? 250 ns (see figure 19 ); p_6.1.125 activity reaction time dbdrxia 100 ? 300 ns (see figure 19 ); p_6.1.126 idle loop delay dbdtxrxai = dbdtxai + dbdr xai dbdtxrxai ? ? 325 ns ? p_6.1.127 bp output current, bus idle ibp idle -5.0 ? 5.0 ma -27 v < ubp <27v; p_6.1.128 bm output current, bus idle ibm idle -5.0 ? 5.0 ma -27 v < ubm <27v; p_6.1.129 input capacitance on pin bp c_bdbp ??30pf 1) ; ubp = 100 mv; f test =5mhz; p_6.1.130 input capacitance on pin bm c_bdbm ??30pf 1) ; ubm = 100 mv; f test =5mhz; p_6.1.131 differential bus input capacitance c_bdbus ??20pf 1) ; ubp - ubm = 100 mv; f test =5mhz; p_6.1.132 remote wake-up detection, bp and bm low-power receiver threshold for detecting data_0 udata0_lp -400 ? -100 mv ? p_6.1.133 acceptance time-out of a data_0 phase in wake-up pattern dwu 0detect 1?4 s? p_6.1.134 acceptance time-out of an idle or data_1 phase in wake-up pattern dwu idledetect 1?4 s? p_6.1.135 acceptance time-out for wake-up pattern recognition dwu timeout 48 ? 140 s ? p_6.1.136 table 9 electrical characteristics (cont?d) uv cc = 4.75 v to 5.25 v; uv io = 3.0 v to 5.25 v; r dcload = 45 ohm; c dcload = 100 pf; t j = -40c to +150c all voltages with respect to ground, positive cu rrent flowing into pin (u nless otherwise specified) parameter symbol values un it note or test condition number min. typ. max.
data sheet 32 rev. 1.2 2017-10-17 tle9222 flexray transceiver electrical characteristics acceptance time-out for interruptions dwu interruptt 0.13 ? 1 s 8) p_6.1.137 reaction time after wake-up dbdwakeuprea ction remote ? ? 100 s ? p_6.1.138 1) not subject to production test, specified by design 2) no undervoltage on v io . v cc supplied 3) for all txd signals with a sum of rise and fall time (20% - 80% uv io ) of up to 9ns 4) the txd signal is constant for 100 ns .. . 4400 ns before the first edge and also in case the test is performed with the opposite polarity 5) tested on a receiving bus driver. sendin g bus driver has a ground offset voltage in the range of [-12.5 v to +12.5 v] and sends a 50 / 50 pattern 6) bus driver connected to gnd and uv cc = 5 v 7)for 300 mv as well as 150 mv levels of ubus 8) when the phase that is interrupted was continuously present for at least 870 ns table 9 electrical characteristics (cont?d) uv cc = 4.75 v to 5.25 v; uv io = 3.0 v to 5.25 v; r dcload = 45 ohm; c dcload = 100 pf; t j = -40c to +150c all voltages with respect to ground, positive cu rrent flowing into pin (u nless otherwise specified) parameter symbol values un it note or test condition number min. typ. max.
data sheet 33 rev. 1.2 2017-10-17 tle9222 flexray transceiver electrical characteristics 6.2 diagrams figure 15 simplified test circuit figure 16 transmi tter characteristics c bdsdo tle9222_test_circuit_v00 tle9222 gnd v io bp sclk scsn sdo bge stbn errn txd txen rxd bm v cc c bdrxd 100nf 100nf r dcload c dcload c bderrn tle9222_transmitter_characteristics_v01 ubus ubdtx active - ubdtx active 300mv -300mv 0v high low txd dbdtx01 dbustx10 dbustx01 dbdtx10 100 4400 ns t t 80 % 20 % 100% v io 50% v io 0% v io 100 % 0 % (txen = ?low and bge = ?high)
data sheet 34 rev. 1.2 2017-10-17 tle9222 flexray transceiver electrical characteristics figure 17 transmitter characteristics fr om ?idle? to ?active? and vice versa figure 18 receiver timing characteristics tle9222_transmitter_characteristics_ia_ai_v00 ubus - ubdtx active -300mv 0v high low -30mv dbdtxai dbustxia dbustxai dbdtxia dtxen low t t 100% v io 50% v io 0% v io (txd = ?low and bge = ?high) txen tle9222_receiver_characteristics_v01 ubusrx data -ubusrx data 150mv 0v high low rxd 100% v io 50% v io 0% v io t 300mv -300mv -150mv ubus dbdrx01 t dbusrx0 bd dbusrx01 dbusrx10 dbdrx10 dbusrx1 bd the receiver timings are valid for bus signals dbusrx0 bd and dbusrx1 bd longer than the minimum bit time t bit = 60 ns and for both polarities
data sheet 35 rev. 1.2 2017-10-17 tle9222 flexray transceiver electrical characteristics figure 19 receiver characteristics fr om ?idle? to ?active? and vice versa tle9222_receiver_characteristics_ia_ai_v01 -ubusrx 0v high low rxd -30mv 100% v io 50% v io 0% v io t -300mv -150mv ubus dbdrxai t dbusactive dbusrxai dbusrxia dbdrxia dbusidle
data sheet 36 rev. 1.2 2017-10-17 tle9222 flexray transceiver application information 7 application information note: the following information is given as a hint for the implementation of the device only and shall not be regarded as a description or wa rranty of a certain func tionality, condition or quality of the device. 7.1 esd robustness according to iec61000-4-2 tests for esd robustness according to iec61000-4-2 ?gun test? (150 pf, 330 ? ) have been performed. the results and test conditions are available in a separate test report. 7.2 bus interface simulation model parameter the simulated value r bdtransmitter describes the equivalent bus driver output impedance. figure 20 bus driver output resistance table 10 esd robustness according to iec61000-4-2 performed test symbol result unit comment electrostatic discharg e voltage at pin bm and bp versus gnd uesd iec 8 kv positive pulse electrostatic discharg e voltage at pin bm and bp versus gnd uesd iec -8 kv negative pulse table 11 simulation parameters 1) 1) simulated value for reference purposes only. parameter symbol values unit note / test condition min. typ. max. bus interface simulation resistor r bdtransmitter 30 100 500 ? ? rxd signal difference of rise and fall time at tp4_cc ? ??5ns? tle9222_simulation_v00 r bdtransmitter = 50 x ( ubus 100 C ubus 40 ) / ( 2.5 x ubus 40 C ubus 100 ) ubus 100 = differential output voltage on a 100 || 100pf load, while driving data_1 to the bus. value based on simulation. ubus 40 = differential output voltage on a 40 || 100pf load, while driving data_1 to the bus. value based on simulation.
data sheet 37 rev. 1.2 2017-10-17 tle9222 flexray transceiver application information 7.3 application example figure 21 simplified application example tle9222_application_example_v00 tle9222 gnd application microcontroller e.g. tc2xx aurix mcu v io bp 22f 100nf 3.3 v ecu 11 1 13 10f 100nf gnd v dd 100nf errn scsn sdo sclk stbn bge rxd txen txd bm v cc v bat optional common mode choke 12 14 10 9 8 7 6 5 4 3 2 tle42xx 22f 100nf 5 v 10f v q gnd v i 100nf bus termination bm bp tle42xx v q gnd v i
data sheet 38 rev. 1.2 2017-10-17 tle9222 flexray transceiver application information 7.4 implementation of ecu functional safety concepts the tle9222 has been implemented wi th features for alleviating the development of fu nctional safety requirements on a system level. the to p level objective is to ensure a malfun ctioning ecu is put in a safe state, which for the flexray transceiver means no bus disturbance. this is realized by the bus guardian interface, which controls the bus transmitter directly at the driver stages. the tle9222 is also implemented with a redundant diagn ostic path for detecting th e true state of the bus transmitter. this status is multiple xed back to the errn output, which is set ?low? when the transmitter is reliably disabled. by taking advantage of this safety feature, the ecu diagnostic coverage can be increased. figure 22 application diagram in figure 22 an application example of an automotive ecu for safety critical applicat ions is shown. together with a safety mcu supply ic, e.g. th e infineon tlf35584, that incorporates safe state control functionality, the bge input of the tle9222 is connected to the safe stat e output. if the safety su pply ic detects unexpected behavior at the supply voltages or incorrect mcu behavior through th e functional watchdog, the tle9222 makes sure there is no influence to the flexray bus after the bge inpu t is set ?low?. additionally, the microcontroller can detect the true state of the transc eiver output drivers from the errn out, which should tle9222_application_safety_v01 ecu v bat tle9222px flexray transceiver gnd v cc bp errn rxd txen txd sclk bm v io sdo stbn bge scsn bm bp tlf35584 multi voltage safety micro processor supply application microcontroller e.g. tc2xx aurix mcu 1 3 2 quc qco scsn sdo sclk sdi ss1 v dd vs1 sw1 fb
data sheet 39 rev. 1.2 2017-10-17 tle9222 flexray transceiver application information trigger a spi readout of the status re gister. by observing the bge flag being set ?low?, the mcu has verified that the tle9222 has been safely disconnected from the bus by th e safety supply ic. it is recommended to follow these steps for the ecu software implementation. af ter ecu power-up, the mcu should test and verify the correct beha vior of the fail safe state as a part of its initialization routine, before releasing the transceiver for bus access and transmission. 7.5 minimizing ecu current consump tion through bd_standby mode the very low current consumption of iv cc_stb_85 and iv cc_stb_150 of the tle9222 can only be reached with the correct system implementation and software control. while operating in ecu low power mode with the tle9222 in bd_standby mode, the logic inputs should be in their default states (see table 2 ). this prevents current to flow through the implemen ted pull-up / pull-down circuits. secondly, the logic outputs, rxd and errn, should be in their default cond ition ?high? for bd_standby mode (see table 4 ). after the tle9222 is set to bd_standby mode, it is recommended to perform a sp i readout for verifying correct state transition and to clear pending diagnosis flags. a mcu in low-power mode should continuously (by inte rrupt) or periodically (by polling) monitor the errn output for wake-up information. even if the wake-up function is not being used, the mcu should clear the flags of the status register by spi readout. for simpler ec u implementations, not usin g the spi interface, a mode change cycle to bd_normal mode and back to bd_standby mode again has the same effect. 7.6 further application information ? please contact us for information regarding the pin fmea ? for further information you may contact http://www.infineon.com/
data sheet 40 rev. 1.2 2017-10-17 tle9222 flexray transceiver package outlines 8 package outlines figure 23 pg-tssop-14
data sheet 41 rev. 1.2 2017-10-17 tle9222 flexray transceiver package outlines figure 24 pg-tson-14 green product (rohs compliant) to meet the world-wide customer requirements for en vironmentally friendly products and to be compliant with government regulations the device is available as a green product. green products are rohs-compliant (i.e pb-free finish on leads and suitable for pb -free soldering according to ipc/jedec j-std-020). for further info rmation on alternative pa ckages, please visit our website: http://www.infineon.com/packages . dimensions in mm
data sheet 42 rev. 1.2 2017-10-17 tle9222 flexray transceiver revision history 9 revision history revision date changes 1.2 2017-10-04 ? editorial changes ? product code corrected ? applications added on frontcover ? parameter r thja for pg-tson-14 package added 1.1 2017-05-18 ? current consumption in bd _off condition changed ( iv io_off ). ? current consumption in bd_standbymode changed ( iv io_stb ). ? absolute differential outp ut voltage while sending; data_0 and data_1 changed ( ubdtx active ). ? current consumption in bd_standbymode changed ( iv cc_stb_150 ). ? pg-tson-14 added. 1.0 2015-07-02 initial release
trademarks all referenced product or service names and trademarks are the proper ty of their respective owners. edition 2017-10-17 published by infineon technologies ag 81726 munich, germany ? 2017 infineon technologies ag. all rights reserved. do you have a question about any aspect of this document? email: erratum@infineon.com important notice the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics ("beschaffenheitsgarantie"). with respect to any examples, hints or any typical values stated herein and/or any information regarding the application of the product, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. in addition, any information given in this document is subject to customer's comp liance with its obligations stated in this document and any applicable legal requirements, norms and standards concerning customer's products and any use of the product of infineon technologies in customer's applications. the data contained in this document is exclusively intended for technically trained staff. it is the responsibility of customer's technical departments to evaluate the suitability of the product for the intended application and the completeness of the product information given in this document with respect to such application. for further information on technology, delivery terms and conditions and prices, please contact the nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements products may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. except as otherwise explicitly approved by infineon technologies in a written document signed by authorized representatives of infineon technologies, infineon technologies? products may not be used in any applications where a failure of the product or any consequences of the use thereof can reasonably be expected to result in personal injury. please read the important notice and warnings at the end of this document


▲Up To Search▲   

 
Price & Availability of TLE9222LC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X